Part Number Hot Search : 
TDA5147K MC3406 F1415 MC74HC1 LC75710N BZT5X CPC19 70N6T
Product Description
Full Text Search
 

To Download MMBZ5222B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Corp. 21201 Itasca St. Chatsworth, CA 91311 Phone: (818) 701-4933 Fax: (818) 701-4939
MMBZ5221B THRU MMBZ5259B
410 mW Zener Diode 2.4 to 39 Volts
SOT-23
A D
Features
* * * * Wide Voltage Range Available Small Outline Package For Space Savings High Temp Soldering: 250C for 10 Seconds At Terminals Surface Mount Package
Maximum Ratings
* * *
Operating Junction Temperature: -55C to +150C Storage Temperature: -55C to +150C 500 mWatt DC Power Dissipation
Maximum Ratings @ 25oC Unless Otherwise Specified Zener Current IF 100 mA Maximum Forward VF 1.2 V Voltage Power Dissipation P(AV) 410 mWatt (No te s A) Pe ak Forward S urge IFSM 4.0 Amps Current (Not e s B)
NOTES: A. Mounted on 5.0mm2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
C
B
E
F J
G
H K
DIMENSIONS INCHES MIN .110 .086 .047 .033 .066 --.035 .002 .013 .007 MM MIN 2.80 2.20 1.20 .85 1.70 --.90 .05 .35 .20
DIM A B C D E F G H J K
MAX .119 .103 .056 .041 .083 .006 .044 .006 .020 ---
MAX 3.00 2.60 1.40 1.05 2.10 .15 1.10 .15 .50 ---
NOTE
Suggested Solder Pad Layout
.035 .900
*Pin Configuration - Top View
.055 1.40 .102 2.60 inches mm
.035 .880 .035 .880
www.mccsemi.com
MCC
MMBZ5221B thru MMBZ5259B
Electrical Characteristics @ 25oC Unless Otherwise Specified
NORMAL ZENER VOLTAGE Vz@ Izt TEST CURRENT Izt MAXIMUM ZENER IMPEDANCE `B' SUFFIX ONLY Zzt @ Izt Zzk @ Izk=0.25mA MAXIMUM REVERSE LEAKAGE CURRENT Ir @ Vr MAXIMUM ZENER VOLTAGE TEMP COEFFICIENT `B' SUFFIX ONLY
MCC PART NUMBER
Marking
VOLTS
mA
OHMS
OHMS
uA
VOLTS
%/oC
MMBZ5221B MMBZ5222B MMBZ5223B MMBZ5225B MMBZ5226B MMBZ5227B MMBZ5228B MMBZ5229B MMBZ5230B MMBZ5231B MMBZ5232B MMBZ5234B MMBZ5235B MMBZ5236B MMBZ5237B MMBZ5239B MMBZ5240B MMBZ5241B MMBZ5242B MMBZ5243B MMBZ5245B MMBZ5246B MMBZ5248B MMBZ5250B MMBZ5251B MMBZ5252B MMBZ5254B MMBZ5255B MMBZ5256B MMBZ5257B MMBZ5258B MMBZ5259B
C1 C2 C3 C5 D1 D2 D3 D4 D5 E1 E2 E4 E5 F1 F2 F4 F5 H1 H2 H3 H5 J1 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4
2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7.0 6.2 5.6 5.2 4.6 4.5 4.2 3.8 3.4 3.2
30 30 30 29 28 24 23 22 19 17 11 7.0 5.0 6.0 8.0 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80
1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
100 100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 4.0 5.0 6.0 6.5 7.0 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
-0.085 -0.085 -0.080 -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.045 +0.050 +0.058 +0.062 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.083 +0.085 +0.086 +0.087 +0.088 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094
NOTE: 1.Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body. 4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5. Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
www.mccsBemi.com
MCC
MMBZ5221B thru MMBZ5259B
8 7
100
TEMPERATURE COEFFICIENT,mV / oC)
6 5 4 3 2
1
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
TEMPERATURE COEFFICIENT,mV / oC)
10
1 10
100
NOMINAL ZENER VOLTAGE, Volts
NOMINAL ZENER VOLTAGE, Volts
TYPICAL REVERSE CURRENT
STEADY STATE POWER DERATING
1000
DYNAMIC IMPEDANCE, W
IZ = 1 mA
FORWARD CURRENT, mA
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
1000
100
5 mA
20 mA
100
10
10
150OC
75 C
O
25 C
O
5OC
1
1
10
NORMAL ZENER VOLTAGE, Volts
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, Volts
EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
TYPICAL FORWARD VOLTAGE
1000
1.2 1.0 0.8 0.6 0.4 0.2 0
CAPACITANCE, pF
0 V BIAS 1 V BIAS
TA=25oC
POWER DISSIPATION, Watts
100
BIAS AT 50% OF VZ NOM
PD V.S. TA
10
1
25 50 75 100 125 150
155
1
10
100
TEMPERATURE (oC)
NOMINAL ZENER VOLTAGE, Volts
STEADY STATE POWER DERATING
TYPICAL CAPACITANCE
www.mccsemi.com
MMBZ5221B thru MMBZ5259B
MCC
100
TA=25 C
ZENER CURRENT, mA ZENER CURRENT, mA
o
100
TA=25 C
o
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
ZENER VOLTAGE, Volts
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT
ZENER VOLTAGE V.S. ZENER CURRENT
1000
LEAKAGE CURRENT (mA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150OC
+25OC -55OC
80 90
NOMINAL ZENER VOLTAGE, Vlots
TYPICAL LEAKGE CURRENT
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MMBZ5222B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X